4100r series - thick film molded dips specifications are subject to change without notice. customers should verify actual device performance in their specific applications. watts ambient temperature ( c ) 0 70 125 4.00 3.50 3.00 2.50 2.00 1.50 1.00 .50 25 gcu 4108r 4114r 4116r 4118r 4120r pin #1 ref. 4.57 + .12/ - .28 (.180 + .005/ - .007) 3.43 + .38/ - .25. (135 + .015/ - .010) max. 2.03 .12 (.080 .005) 2.54 .25 (.100 .010*) .438 .050 (.019 .002) 1.65 + .12/ - .07 (.065 + .005/ - .003) 7.87 .25 (.310 .010) to outside when pins are parallel 6.71 .10 (.260 + .005) (.260 - .000 ) 8.64 .50 (.340 .020) .254 .050 (.010 .002) governing dimensions are in metric. dimensions in parentheses are inches and are approximate. *terminal centerline to centerline measurements made at point of emergence of the lead from the body. 27.05 (1.065) max. 24.51 (.965) max. 21.97 (.865) max. 19.43 (.765) max. 11.81 (.465) max. 8.40 (.331) typ. .89 .25 (.035 .010) typ. non-accum. typ. part number 4114r-1- 152 yyww circuit resistance code pin one indicator manufacturer's trademark date code typical part marking represents total content. layout may vary. product characteristics resistance range ......................10 ohms to 10 megohms maximum operating voltage..........100 v temperature coefficient of resistance 50 ? to 2.2 m ? ................?00 ppm/? below 50 ? ......................?50 ppm/? above 2.2 m ? ..................?50 ppm/? tcr tracking .........................50 ppm/? maximum; equal values resistor tolerance ................see circuits operating temperature .................................-55 ? to +125 ? insulation resistance ..................10,000 megohms minimum dielectric withstanding voltage .............................................200 vrms lead solderability .....meet requirements of mil-std-202 method 208 environmental characteristics tests per mil-std-202......... ? r max. short time overload..................?.25 % load life ....................................?.00 % moisture resistance ..................?.50 % resistance to soldering heat ................................................?.25 % terminal strength.......................?.25 % thermal shock...........................?.25 % physical characteristics flammability .........conforms to ul94v-0 lead frame material ..........................copper, solder coated body material ..................novolac epoxy package power rating at 70 c 4108r......................................1.69 watts 4114r......................................2.00 watts 4116r......................................2.25 watts 4118r......................................2.50 watts 4120r......................................2.80 watts how to order 41 14 r - 1 - 152 __ __ model (41 = molded dip) number of pins physical configuration (r = thick film low profile) electrical configuration 1 = isolated 2 = bussed 3 = dual terminator resistance code first 2 digits are significant third digit represents the number of zeros to follow. resistance tolerance blank = ? % (see ?esistance tolerance?on next page for resistance range) f = ? % (100 ? - 1 m ? ) d = ?.5 % (100 ? - 1 m ? ) terminations ?lf = tin-plated (rohs compliant version) ?blank = tin/lead-plated consult factory for other available options. features rohs compliant* versions available (see how to order ?ermination?option) compatible with automatic insertion equipment superior package integrity marking on contrasting background for permanent identification now available with improved tolerance to 0.5 % package power temp. derating curve product dimensions *rohs compliant versions available *rohs directive 2002/95/ec jan 27 2003 including annex for standard values used in capacitors, inductors, and resistors, click here.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. * add ??after resistance code for ? % tolerance available from 100 ? through 1 m ? , or add ?? after resistance code for ?.5 % tolerance available from 100 ? through 1 m ? . part number suffix examples: -103 = 10 k ? , ? % -103f = 10 k ? , ? % -103d = 10 k ? , ?.5 % ** non-standard values available, within resistance range. isolated resistors (1 circuit) model 4108r-1-rc (4 isolated resistors) model 4114r-1-rc (7 isolated resistors) model 4116r-1-rc (8 isolated resistors) model 4118r-1-rc (9 isolated resistors) model 4120r-1-rc (10 isolated resistors) bussed resistors (2 circuit) model 4108r-2-rc (7 resistors, pin 8 common) model 4114r-2-rc (13 resistors, pin 14 common) model 4116r-2-rc (15 resistors, pin 16 common) model 4118r-2-rc (17 resistors, pin 18 common) model 4120r-2-rc (19 resistors, pin 20 common) dual terminator (3 circuit) model 4108r-3-r1/r2 model 4114r-3-r1/r2 model 4116r-3-r1/r2 (shown) model 4118r-3-r1/r2 model 4120r-3-r1/r2 16 1 9 8 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 resistance tolerance 10 ohms to 49 ohms ...................? ohm 50 ohms to 5 megohms ................? %* above 5 megohms .........................? % power rating per resistor at 70 ? .................................0.250 watt power temperature derating curve watts ambient temperature ( c ) 0 70 125 .350 .250 .150 .050 25 resistance tolerance 10 ohms to 49 ohms ...................? ohm 50 ohms to 5 megohms.................? %* above 5 megohms..........................? % power rating per resistor at 70 ? .................................0.125 watt power temperature derating curve watts ambient temperature ( c ) 0 70 125 .350 .250 .150 .050 25 resistance tolerance below 100 ohms........................? ohms 100 ohms to 5 megohms...............? %* above 5 megohms..........................? % power rating per resistor at 70 ? .................................0.125 watt power temperature derating curve watts ambient temperature ( c ) 0 70 125 .350 .250 .150 .050 25 popular resistance values (1, 2 circuits) ** ohms code ohms code ohms code ohms code ohms code 10 100 180 181 1,800 182 15,000 153 120,000 124 22 220 220 221 2,000 202 18,000 183 150,000 154 27 270 270 271 2,200 222 20,000 203 180,000 184 33 330 330 331 2,700 272 22,000 223 220,000 224 39 390 390 391 3,300 332 27,000 273 270,000 274 47 470 470 471 3,900 392 33,000 333 330,000 334 56 560 560 561 4,700 472 39,000 393 390,000 394 68 680 680 681 5,600 562 47,000 473 470,000 474 82 820 820 821 6,800 682 56,000 563 560,000 564 100 101 1,000 102 8,200 822 68,000 683 680,000 684 120 121 1,200 122 10,000 103 82,000 823 820,000 824 150 151 1,500 152 12,000 123 100,000 104 1,000,000 105 popular resistance values (3 circuit) ** resistance (ohms) code r 1 r 2 r 1 r 2 160 240 161 241 180 390 181 391 220 270 221 271 220 330 221 331 330 390 331 391 330 470 331 471 3,000 6,200 302 622 1 14 16 1 7 8 r 9 8 r rrrrrr r r r r r r r r r r r r r r 4100r series - thick film molded dips for information on specific applications, download bourns?application notes: dram applications dual terminator resistor networks r/2r ladder networks scsi applications rev. 09/07
|